PART |
Description |
Maker |
HGT1S10N12 HGT1S10N120BNS HGTP10N120BN HGTG10N120B |
From old datasheet system 35A 1200V NPT Series N-Channel IGBT 35A/ 1200V/ NPT Series N-Channel IGBT 36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, N-CHANNEL IGBT
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|
35SCGJQ060 |
35A 60V Hi-Rel Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier
|
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
FDMS8680 |
N-Channel PowerTrench? MOSFET 30V, 35A, 7.0mΩ N-Channel PowerTrench㈢ MOSFET 30V, 35A, 7.0mヘ
|
Fairchild Semiconductor
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
IRFM044 |
60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 60V, N-CHANNEL
|
International Rectifier
|
UTD408L-TN3-T UTD408L-TN3-R UTD408-TN3-T UTD408-TN |
18 A, 30 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 LEAD FREE PACKAGE-3 N-CHANNEL ENHANCEMENT MODE
|
Unisonic Technologies Co., Ltd.
|
FDD5612 |
2MM SOCKET STRIPS 60V N-Channel PowerTrench?/a> MOSFET 60V N-Channel PowerTrench⑩ MOSFET 60V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
IRFY044CM |
60V 0.040Ω N-Channel HEXFET Power MOSFET(60V 0.040Ω N沟道 HEXFET 功率 MOS场效应管) 60V.040ΩN沟道HEXFET功率MOSFET60V.040Ω沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|