PART |
Description |
Maker |
IPSAT-G1000-5 IPSAT-G1602-5 IPSAT-G2502-5 IPSAT-G2 |
Intrinsically Safe Pressure Transducer
|
Cynergy3 Co
|
MAX6680MEE MAX6680-05 MAX6681 MAX6681MEE |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
|
Maxim Integrated Produc...
|
MAX3465 MAX3465CPD MAX3465CSD MAX3465EPD MAX3465ES |
5V / Fail-Safe / 40Mbps / Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers 5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers 5V Fail-Safe 40Mbps Profibus RS-485/ RS-422 Transceivers Dual Multiplexed LVDS Repeater 16-SOIC -40 to 85 2.0 Gbps 4x4 Crosspoint Switch 38-TSSOP -40 to 85 5V. Fail-Safe. 40Mbps. Profibus RS-485/RS-422 Transceivers 5V、失效保护0Mbps、PROFIBUS RS-485/RS-422收发 5V. Fail-Safe. 40Mbps. Profibus RS-485/RS-422 Transceivers 5V、失效保护40Mbps、PROFIBUS RS-485/RS-422收发
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
QT310-IS QT310-D |
0.5-6.0V; 40mA; programmable capacitance sensor IC. For fluid level sensors, prox sensors, moisture detection, position sensing, transducer driver and material sensors PROGRAMMABLE CAPACITANCE SENSOR IC 可编程电容传感器IC
|
Quantum Research Group ltd Electronic Theatre Controls, Inc.
|
MAX9173 |
Quad LVDS Line Receiver with Flow-Through Pinout and ?n-PathFail-Safe 四路LVDS线接收器,引脚按信号流向排列,带有通道失效保护 Quad LVDS Line Receiver with Flow- Through Pinout and “In-Path?Fail-Safe Quad LVDS Line Receiver with Flow-Through Pinout and "In-Path" Fail-Safe
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
B59100C0090A070 B59100C0160A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS AG
|
B59901D0060A040 B59901D0140A040 B59901 B59901D0070 |
Sensors Limit Temperature Sensors, Probe Assemblies
|
EPCOS[EPCOS]
|
BO5988 |
Safe Master
|
DOLD
|