PART |
Description |
Maker |
BT136X BT136X-500 BT136X-500F BT136X-500G BT136X-6 |
DIODE, SMD, SHOTTKY, 20V, 3A, RECTIFIER SCHOTTKY SINGLE 3A 20V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 100A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 40V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
IDT74FCT533A IDT74FCT533C IDT74FCT533 IDT74FCT533A |
FAST CMOS OCTAL TRANSPARENT LATCHES 快速CMOS八路透明锁存 FAST CMOS OCTAL TRANSPARENT LATCHES FCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, CDIP20 RECTIFIER FAST-RECOVERY SINGLE 3A 400V 125A-ifsm 1.3V-vf 250ns 5uA-ir DO-201AD 1.2K/REEL-13 快速CMOS八路透明锁存 RECTIFIER FAST-RECOVERY SINGLE 3A 400V 125A-ifsm 1.3V-vf 250ns 5uA-ir DO-201AD 500/BULK
|
Integrated Device Techn... Integrated Device Technolog... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
DRL48A35 DRL48A35-22 DRL48D35 DRL48D35-21 |
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies I... Teledyne Technologies Incorporated
|
125NHG01B COOPERINDUSTRIES-35NHG02B |
NH FUSE 125A 500V GL/GG SIZE 01 DUAL IN ELECTRIC FUSE, 125A, 500VAC, 250VDC, 120000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
RSLD035-7A RSLD035-4A |
Wide Range Input: 120, 240, or 277 VAC STRATO LED Drivers 35W, Single output
|
List of Unclassifed Manufac...
|
RM0850HA-100 |
Front-End Power Supply:170 Vac to 264 Vac Input; 54.2 Vdc Output; 850 W(前端电源:170V64V交流输入; 54.2V直流输出850 W功率) 前端电源170 VAC64 VAC输入; 54.2 Vdc输出850瓦(前端电源:的170V64V交流输入; 54.2V直流输出; 850糯功率)
|
ON Semiconductor
|
ST24D40-02 ST24A50-02 ST24A50-22 ST24A50-16 |
Single Output to 75A 600 Vac
|
Teledyne Technologies I...
|
SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ |
Crystal Clock Oscillators 晶体时钟振荡 SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Leadwire Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
HD74AC245 HD74ACT245 HD74AC245FP HD74AC245RP HD74A |
Octal Bidirectional Transceiver with 3-State Input/Output BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|SOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|TSSOP|20PIN|PLASTIC BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, Solder Termination, Silver Contacts, UL, CSA, ENEC 总线收发器|单| 8位|行为的CMOS | TSSOP封装| 20针|塑料
|
Hitachi Semiconductor Renesas Electronics, Corp.
|
CR-21A |
CR-21A 3PST N.O., Double Break, 5 Amps,440 VAC, 60 Hz, 380 VAC, 50 Hz
|
Tyco Electronics
|
MX536A MX536AJCWE MX536AJD MX536AJH MX536AJN MX536 |
LVDT XS-C 249 Assy RECTIFIER STANDARD SINGLE 3A 800V 800 125A-ifsm 5uA-ir 1.1V-vf DO-201AD 500/BULK True RMS-to-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|