PART |
Description |
Maker |
2316226 |
End cover for FB-PS-BASE/EX base. Use in power and indicator bus at each end base.
|
PHOENIX CONTACT
|
G1PM109N-VLF G1PM109N-V-LF |
1000 BASE ?T MAGNETICS MODULES Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|
SY7140-3DZ SY7140-5LOU-Q SY7240-5LOU-Q SY7340-5LOU |
VALVE BASE 110V VALVE BASE 24VDC High Efficient Rectifier Diodes 阀10伏特 阀门基10伏特 VALVE BODY 24V DC 阀24V直流
|
Bourns, Inc.
|
SSP-01TWB3SW12 SSP-01TWB3SWB12 |
LED MINIATURE WEDGE BASE, YELLOW, MILKY WHITE DIFFUSED ELECTRO-OPTICAL CHARATERISTICS LED MINATURE WEDGE BASE LAMP
|
LUMEX INC.
|
S558-5999-45 |
HIGH SPEED LAN MAGNETICS DATACOM TRANSFORMER FOR ATM; 100 BASE-TX; 10/100 BASE-TX; LAN APPLICATION(S)
|
Glenair, Inc.
|
BCM5700 |
PCI - X 10/100/1000 BASE -T CONTROLLER 的PCI - 10/100/1000 Base - T型控制器
|
Electronic Theatre Controls, Inc. ETC
|
2SC3121 |
Transistor Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications (common base) TV Tuner, UHF Converter Applications (common base)
|
TOSHIBA
|
2SD5041 |
Transistor. AF output amplifier for electronic flash unit. Collector-base voltage Vcbo = 40V. Collector-emitter voltage Vceo = 20V. Emitter-base voltage Vebo = 7V. Collector dissipation Pc(max) = 0.75W. Collector current Ic = 5A. Transistors
|
Usha India Ltd.
|
2N5337A-220M |
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE NPN Epitaxial Base Transistor(TO220 Metal PackageNPN外延晶体管(TO220 金属封装,高可靠性)) DIODE SCHOTTKY SINGLE 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2SC9011 |
Transistor. AM converter, AM/FM IF amplifier general purpose transistor. Collector-base voltage Vcbo = 60V. Collector-emitter voltage Vceo = 30V. Emitter-base voltage Vebo = 5V. Collector dissipation Pc(max) = 400mW. Collector current Ic
|
USHA India LTD
|
2SA954 |
Audio frequency amplifier. Collector-base voltage: Vcbo = -80V. Collector-emitter voltage: Vceo = -80V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 600mW.
|
USHA India LTD
|
MCT270-X009 MCT277-X009 MCT276 MCT272 MCT274 MCT27 |
Optocoupler / Phototransistor Output / With Base Connection Tantalum Chip Capacitor 钽芯片电容器 Optocoupler, Phototransistor Output, With Base Connection
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|