PART |
Description |
Maker |
S2-L1-24V S2-12V S2-24V S2-3V S2-48V S2-5VDC S2-12 |
4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
|
Panasonic Semiconductor
|
FXE FXE-5MGC FXE-10MGC |
Low Profile Compact Size / High Contact Capacity 超薄紧凑高触点容
|
Electronic Theatre Controls, Inc.
|
AEV14012 AEV52012 AEV18012 AEV18024 |
Capsule contact Mechanism and High-capacity Cut-off Compact Relay Capsule contact Mechanism and High-capacity Cut-off Compact Relay
|
Panasonic Semiconductor
|
MSM51V8221A |
CAIG LABORATORIES CAILUBE MCL MOVING CONTACT LUBRICANT, CAPACITY: 5 OZ, 5 % SOLUTION, SPRAY 262214字8位字段记 262,214-Word x 8-Bit Field Memory
|
Advanced Monolithic Systems, Inc. OKI electronic componets OKI electronic components
|
CT326 |
Contact Form: 2a Load Voltage: 40V Maximum
|
Coto Technology
|
CS330 |
Contact Form: 2a Load Voltage: 400V Maximum
|
Coto Technology
|
CS130 CT130 |
Contact Form: 1a Load Voltage: 400V Maximum
|
Coto Technology
|
CT131 |
Contact Form: 1a Load Voltage: 350V Maximum
|
Coto Technology
|
C231S |
Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
|
Coto Technology
|
C574S |
Contact Form: C574S: 1b / C674S: 2b Load Voltage: 400V Maximum
|
Coto Technology
|
CLY38-10 CLY38 CLY38-00 CLY38-05 |
CUTTERS, ANGLED FULL FLUSH 120MMCUTTERS, ANGLED FULL FLUSH 120MM; Capacity, cutting copper wire:1.2mm; Length:120mm; Capacity, cutting soft iron:1.0mm; Edge Finish/Profile:Full Flush; Head type:Oblique; Length, blade:10mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 125MMCUTTERS, OBLIQUE FULL FLUSH 125MM; Capacity, cutting copper wire:0.8mm; Length:125mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Length, jaw:20mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 135MMCUTTERS, OBLIQUE FULL FLUSH 135MM; Capacity, cutting copper wire:0.8mm; Length:135mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Head type:Slim; Length, jaw:20mm HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
NCP45524 |
Advanced Load Management Controlled Load Switch with Low RON
|
ON Semiconductor
|