PART |
Description |
Maker |
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
KTC802E |
General Purpose Transistor EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
CD9011 CD9011D CD9011E CD9011F CD9011G CD9011H CD9 |
0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 273 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 29 - 44 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 40 - 59 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 54 - 80 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 72 - 108 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 97 - 146 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 132 - 198 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 182 - 273 hFE
|
Continental Device India Limited
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2N5220 FTSO4400 FTSO4401 FTSO4402 FTSO4403 FTSO440 |
NPN small signal general purpose complementary amplifier. Small Signal General Purpose Amplifiers & Switchs NPN General Purpose Amplifier PNP small signal general purpose amplifier & switch. NPN neon display tube driver.
|
FAIRCHILD[Fairchild Semiconductor]
|
BC848CDXV6T5 BC847CDXV6T1 BC847CDXV6T5 BC848CDXV6T |
General Purpose NPN Transistor Dual General Purpose Transistors
|
ONSEMI[ON Semiconductor]
|
2N3904CSM |
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS General Purpose NPN Transistor In a Hermetic Surface Mount Package For High Reliability Application(通用NPN晶体管(高可靠性、表贴型封装
|
SemeLAB SEME-LAB[Seme LAB]
|
2PD1820A 2PD1820AQ 2PD1820AR 2PD1820AS 2PD1820ART/ |
500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN NPN general purpose transistor
|
NXP Semiconductors N.V.
|
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|