PART |
Description |
Maker |
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
MB95108AM MB95108AMPFM MB95108AMPFV MB95F104AJS MB |
8-bit Proprietary Microcontrollers(8浣?井?у??? 8-bit Proprietary Microcontrollers 8-BIT, FLASH, 16.25 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
DS89C430-MNL DS87C520-QCL MAX7310AUE DS5250F-1N5 D |
Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 EPROM/ROM High-Speed Microcontrollers 8-BIT, OTPROM, MICROCONTROLLER, PQCC44 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset 8 I/O, PIA-GENERAL PURPOSE, PDSO16 High-Speed Secure Microcontroller 8-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Speed Secure Microcontroller 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP100 Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 128k Soft Microprocessor Chip 8-BIT, 16 MHz, MICROCONTROLLER, PQFP80 SPECIALTY MICROPROCESSOR CIRCUIT, PQFP48 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP14 8-BIT, 75 MHz, MICROCONTROLLER, PQFP100 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP20 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP16 8-BIT, 16 MHz, MICROCONTROLLER, SMA72 128k Soft Microcontroller Module 8-BIT, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-BIT, 16 MHz, MICROCONTROLLER, DMA40 8-BIT, 12 MHz, MICROCONTROLLER, SMA40 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PDIP40
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC DALLAS SEMICONDUCTOR
|
|