PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
LTC3810EUH-5TRPBF LTC3810-5-15 |
100V Current Mode Synchronous Switching Regulator Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PQCC32 60V Current Mode Synchronous Switching Regulator Controller
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BA9741F BA9741FS A5800965 BA9741F/FS |
Regulator LSIs > Switching regulator Two-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA9737KV A5800964 |
Regulator LSIs > Switching regulator 4-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
LT1105 LT1103 LT1103C LT1105C LT1105I LT1103CT7 |
4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 Offline Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
HA17451 HA17451AFP HA17451AP |
0.05 A DUAL SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controllers for DC/DC Converters
|
HITACHI[Hitachi Semiconductor]
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
ISL6219A ISL6219ACA ISL6219ACA-T |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO28 Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|