PART |
Description |
Maker |
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
MAX8902AATA/V MAX8902A-15 |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc...
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
BD00GA5WEFJ-E2 BD30GA5WEFJ BDJ2GA5WEFJ-E2 BD90GA5W |
500mA Variable Output LDO Regulators 500mA Fixed Output LDO Regulators
|
ROHM
|
LT1962 LT1962EMS8 LT1962EMS8-2.5 LT1962EMS8-3 LT19 |
300mA/ Low Noise/ Micropower LDO Regulators 300mA, Low Noise, Micropower LDO Regulators From old datasheet system
|
LINER[Linear Technology]
|
LT1764 LT1764-1.5 LT1764-1.8 LT1764-2.5 LT1764-3.3 |
3A, Fast Transient Response, Low Noise,LDO Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A/ Fast Transient Response/ Low Noise/LDO Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ACE509 |
Low noise fast response 500mA LDO regulator
|
ACE Technology
|
RT9013-12PB RT9013-12PQW RT9013-12PU5 RT9013-15PB |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
|
http:// Richtek Technology Corporation Richtek Technology Corp...
|
L1152L-XX-AF5-R L1152G-XX-AF5-R |
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
|
Unisonic Technologies
|
RT9167 RT9167-49GB RT9167-49GBR RT9167-49GS RT9167 |
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|