PART |
Description |
Maker |
M500360R1DK M500360R1DK-R M500320R1DK M500320R1DK- |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPVCXO
|
MTRONPTI[MTRONPTI]
|
M500266RDK M500266RDK-R M500226RDK M500226RDK-R M5 |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
MTRONPTI[MTRONPTI]
|
M50021DTDK-R M500278TLK-R |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
MTRONPTI
|
M50022ERDK-R M50022ERLK-R M500276RPK M50022ETPK-R |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO 9x16毫米FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO 9x16毫米的FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPXO
|
MtronPTI
|
M5001_0611 M5001 M500116RDK M500116RDK-R M500116RL |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
http:// MTRONPTI[MTRONPTI]
|
M8R51FAJ M8R51FAJ-R M8R21FAJ M8R21FAJ-R M8R11FAJ M |
9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|
VCC4 VCC4-C3E-50M000 VCC4-G3E-50M000 VCC4-E3E-50M0 |
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT 1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator 1.8.5.3.0伏的CMOS振荡
|
Vectron International, Inc.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
AM29LV004B AM29LV004BT-90FIB AM29LV004BB-120EC AM2 |
4 megabit CMOS 3.0 volt-only, boot sector flash memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 KC series Rotary switches have a no stop option and up to 12 positions and 4 poles
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] http://
|