PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
SS25-B-A-A SS25-B-B-A SS25-A-A-A SS25-A-B-A |
DC-DC REG PWR SUPPLY MODULE 5 Vdc Input, 3.3 Vdc Output DC/DC Converter
|
Murata Power Solutions Inc.
|
ATF-38143- ATF38143 ATF-38143-BLK ATF-38143-TR1 AT |
DC-DC Converter, 15Watt, Input VDC: 18~75, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LANC2415W12-S |
DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC4815W12-S LANC4815W12 |
DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC2412UW12 |
DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
Q24S15050-NS00G |
1-OUTPUT DC-DC REG PWR SUPPLY MODULE Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
|
POWER-ONE INC
|
LANC2412DW12 LANC2412DW12-S |
DC/DC Converter 18-36 VDC Input ±12 VDC Output at ±0.5A DC/DC Converter 18-36 VDC Input 【12 VDC Output at 【0.5A
|
Wall Industries,Inc.
|