PART |
Description |
Maker |
ISL9V5036S3SNL ISL9V5036P3F085 |
360V EcoSPARK 500mJ N-Channel Ignition IGBT 46 A, 420 V, N-CHANNEL IGBT, TO-263AB ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
|
Fairchild Semiconductor, Corp.
|
ISL9V3036S3S ISL9V3036D3S ISL9V3036P3 |
EcoSPARK TM 300mJ, 360V, N-Channel Ignition IGBT EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT EcoSPARKTM 300mJ 360V N-Channel Ignition IGBT EcoSPARKTM 300mJ/ 360V/ N-Channel Ignition IGBT KPSE 11C 11#16 PIN PLUG
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 |
4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP 500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits 700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路 CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路 *** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70 Single/Dual Low-Voltage Low-Power µ.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路 700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路 TWINAX T ADAPTER, JACK- JACK-J USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX 1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail SOLDER JAM NUT RECPT -SR SOLDER PLUG -SR 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC LOW DROP POSITIVE VOLTAGE REGULATORS 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT BOOT,HEATSHRINKABLE,STRAIN-RELIEF SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits " SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits" SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 700-mW Mono, Class-AB Audio Amplifier 8-SOIC 3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 电源管理 友顺科技股份有限公司 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http:// MAXIM - Dallas Semiconductor
|
ISL9V5045SF085 |
EcoSPARKN-Channel Ignition IGBT 500mJ, 450V
|
Fairchild Semiconductor
|
FGD3440G2 |
EcoSPARK?2 335mJ, 400V, N-Channel Ignition IGBT
|
Fairchild Semiconductor
|
ISL9V3040D3S ISL9V3040P3 ISL9V3040S3S |
EcoSPARK TM 300mJ, 400V, N-Channel Ignition IGBT
|
Fairchild Semiconductor
|
FGD4536 |
360V, PDP IGBT
|
Fairchild Semiconductor
|
ISL9V5036PF085 |
EcoSPARK500mJ, 360V, N-Channel Ignition IGBT
|
Fairchild Semiconductor
|
IRG7PA19UPBF |
360V PDP Trench IGBT in a TO-247AC package
|
International Rectifier
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
|