PART |
Description |
Maker |
ISL6324A ISL6324ACRZ ISL6324AIRZ |
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
|
Intersil Corporation
|
ISL6323B ISL6323BCRZ ISL6323BIRZ |
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
|
Intersil Corporation
|
ISL6265HRTZ ISL6265HRTZ-T INTERSILCORP-ISL6265HRTZ |
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
|
Intersil Corporation
|
ISL6265A ISL6265AHRTZ ISL6265AHRTZ-T |
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs, 48-TQFN, -10 to 100°C, Tape and Reel BUF OR INV BASED MOSFET DRIVER, PQCC48
|
Intersil, Corp. Intersil Corporation
|
1H0263-3 |
250 MHz - 500 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX Hybrid Couplers
|
ANAREN INC Anaren Microwave
|
2032-6345-00 2032-6347-00 2032-6348-00 2032-6350-0 |
3dBHybridCouplers 3 dB Hybrid Couplers 0.5-1 GHz, 3 dB hybrid coupler 1-2 GHz, 3 dB hybrid coupler 2-4 GHz, 3 dB hybrid coupler 4-8 GHz, 3 dB hybrid coupler 8-12.4 GHz, 3 dB hybrid coupler 12.4-18 GHz, 3 dB hybrid coupler 4-12.4 GHz, 3 dB hybrid coupler 7-18 GHz, 3 dB hybrid coupler
|
TycoElectronics Tyco Electronics MA-Com
|
LDB211G9020C-001 LDB21906M20C-001 LDB21906M05C-001 |
Chip Multilayer Hybrid Baluns 1800 MHz - 2000 MHz RF TRANSFORMER Chip Multilayer Hybrid Baluns 887 MHz - 925 MHz RF TRANSFORMER Chip Multilayer Hybrid Baluns 800 MHz - 1000 MHz RF TRANSFORMER Chip Multilayer Hybrid Baluns 1500 MHz - 1700 MHz RF TRANSFORMER Chip Multilayer Hybrid Baluns 1600 MHz - 1800 MHz RF TRANSFORMER
|
Murata Manufacturing Co., Ltd.
|
TCIHG TCIHG-S0072 |
Isolator Hybrid Combination Green 1550(1585)nm Tap Coupler / Isolator Hybrid Combination
|
OPLINK Communications I...
|
HH-105PIN HH-105 |
20-300 MHz, hybrid lunction Hybrid Junction 20 - 300 MHz 混合0 - 300兆赫
|
MA-Com MACOM[Tyco Electronics]
|
3032 3032SERIES 3032-6017-00 3032-6019-00 |
CRYSTAL, 3.686400MHZ 20PF HC-49 90?Crossover Hybrid Coupler 800-900锛?890-960. or 1700-1900 MHz 90Crossover Hybrid Coupler 800-900890-960. or 1700-1900 MHz 90?交叉混合耦合800-90090-960。兆赫或1700年至00 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 90?交叉混合耦合800-90090-960。兆赫或1700年至00 90 CROSSOVER HYBRID COUPLER 800-900/890-960/ OR 1700-1900 MHZ 90 CROSSOVER HYBRID COUPLER 800-900,890-960, OR 1700-1900 MHZ
|
PHOENIX CONTACT Deutschland GmbH Tyco Electronics
|
1775 CT1775 |
Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET 通用MacAir/1553哑RTU的杂交初步的数据资料 CT1775 Universal MacAir/1553 Dumb RTU Hybrid
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|