PART |
Description |
Maker |
CY7C0832AV CY7C0830AV CY7C0831AV CY7C0837AV CY7C08 |
FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM(FLEx18 3.3V 64K/128K x 3628K/256K x 18同步双端口RAM) FLEx18 3.3 64K/128K × 3628K/256K × 18同步双口RAMFLEx18 3.3 64K/128K × 3628K/256K × 18同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
CY7C0837AV CY7C0837AV-133BBC CY7C0837AV-133BBI CY7 |
FLEx18垄芒 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18?/a> 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp. http://
|
CY7C0832AV-133AXC CY7C0832AV-133AXI |
FLEx18(TM) 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz
|
CYPRESS SEMICONDUCTOR CORP
|
CYD01S18V |
FLEx18(TM) 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress
|
CY7C0830V CY7C0831V-167AC CY7C0837V CY7C0832V-133A |
FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp.
|
CYD02S36V CYD04S36V CYD09S36V CYD18S36V |
FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36同步双端口RAM) FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双口RAM(FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
CY14B101KA-ZS25XC CY14B101KA-ZS25XCT CY14B101KA-SP |
128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO44 1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock 64K X 16 NON-VOLATILE SRAM, 45 ns, PDSO54 64K X 16 NON-VOLATILE SRAM, 20 ns, PDSO54 128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO48
|
CYPRESS SEMICONDUCTOR CORP
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|