PART |
Description |
Maker |
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
CY62256VNLL-70SNXC CY62256VNLL-70SNC CY62256VNLL-7 |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY7C1020 CY7C1020-10VC CY7C1020-10ZC CY7C1020-12VC |
32K x 16 Static RAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44 32K x 16 Static RAM 32K X 16 STANDARD SRAM, 12 ns, PDSO44 256K x 8 Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY62256VNLL-70SNC CY62256VNLL-70SNXC CY62256VNLL-7 |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
CY62256LL-70SNXCT |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
CY62256NL-70PC CY62256NL-70PXC CY62256NL-70SNC CY6 |
256K (32K x 8) Static RAM
|
Cypress Semiconductor
|
LH51256 LH51256-10 LH51256-12 LH51256N-12 LH51256N |
CMOS 256K (32K X 8) STATIC RAM
|
List of Unclassifed Manufacturers ETC
|
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|
LH5P832 |
CMOS 256K (32K x 8) Pseudo-Static RAM
|
Sharp Electrionic Components
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|