PART |
Description |
Maker |
CM2030 |
HDMI Receiver Port Protection and Interface Device
|
California Micro Devices
|
CM2021 CM2021-00TS CM2021-00TR |
HDMI Receiver Port Protection and Interface Device HDMI接收器端口保护和接口设备
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
CM2031-A0TR |
HDMI Receiver Port Protection and Interface Device SPECIALTY CONSUMER CIRCUIT, PDSO38
|
ON Semiconductor
|
ADV7619 |
Dual Port, Xpressview, 3 GHz HDMI Receiver
|
Analog Devices
|
ADV7612 |
Dual Port, Xpressview, 225 MHz HDMI Receiver
|
Analog Devices
|
CM2020-00TR |
HDMI Transmitter Port Protection and Interface Device
|
ON Semiconductor
|
IP4791CZ12 |
HDMI ESD protection, level shifter and backdrive protection
|
NXP Semiconductors
|
IP4788CZ32 |
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
|
NXP Semiconductors
|
IP4786CZ32S |
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
|
NXP Semiconductors
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ADV7623 |
HDMI Transceiver with Fast Port Switching
|
Analog Devices
|
IP4280CZ10 |
ESD protection for HDMI interface
|
NXP Semiconductors
|