PART |
Description |
Maker |
CHA2266-99F_00 CHA2266 |
12.5-17GHz Low-Noise Driver Amplifier
|
UMS[United Monolithic Semiconductors]
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
LTC6401IUD-20TRPBF LTC6401CUD-20TRPBF LTC6400-20 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz的低噪声,低失真差分ADC驱动器为140MHz的中
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1994CMS8 LT1994CDD |
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
LT1994MPDDTRPBF LT1994MPDDPBF |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver
|
Linear Technology
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CHR2291-99F_00 CHR2291 |
12-17GHz Integrated Down Converter
|
United Monolithic Semicondu... UMS[United Monolithic Semiconductors]
|
CHR2291 CHR229104 |
12-17GHz Integrated Down Converter
|
United Monolithic Semiconductors
|
MIC4832YML MIC4832YMM MIC4832 |
Low Noise 220Vp-p EL Driver
|
Micrel Semiconductor
|
MIC4830YML MIC4830YMM MIC4830 |
Low Noise 180Vp-p EL Driver
|
Micrel Semiconductor
|