PART |
Description |
Maker |
AMFW-7S-122128-100P2 AMFW-7S-117128-65B AMFW-5S-12 |
8000 MHz - 8400 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 3700 MHz - 4200 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7250 MHz - 7750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 9600 MHz - 9800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 12200 MHz - 12750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 11700 MHz - 12750 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 12200 MHz - 12750 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 7200 MHz - 7800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 11400 MHz - 12200 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
NE5531079A-A NE5531079A-T1-A NE5531079A-T1A |
UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET LEAD FREE, 79A, 4 PIN 7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
|
Duracell Renesas Electronics Corporation
|
JDH2S01T |
UHF Band Mixer Diode Silicon Epitaxial Schottky Barrier Type UHF Band Mixer
|
Toshiba Corporation
|
2SC4245 E000921 |
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS From old datasheet system TV TUNER, UHF MIXER APPLICATIONS VHF~UHF BAND RF AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
MT6C04AS |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
MT6L61AE |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
KV2101 KV2001 KV2501-15 KV2501-00 KV2801 KV2801-30 |
VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction UHF BAND, 50 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 200 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 155 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
|
Microsemi Corporation MICROSEMI CORP-LOWELL
|
COR3-869-5 COR3-869-5-SAL COR3-869-5-SAL-H |
868MHz band Narrow Band FM sub-miniature TX
|
Radiometrix Ltd
|
2SK3475 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications VHF-and UHF-band Amplifier Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SC3120 E000792 SC3120 |
TRANSISTOR (TV TUNER/ UHF MIXER/ VHF~UHF BAND RF AMPLIFIER APPLICATIONS) TRANSISTOR (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS) TV TUNER, UHF MIXER APPLICATIONS VHF~UHF BAND RF AMPLIFIER APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
NTX0 NRX0 |
27MHz HF Narrow Band FM TX & RX
|
Radiometrix Ltd
|