PART |
Description |
Maker |
PKA2432PIL PKA2231CI PKA2231PI PKA2000 PKA2211CI P |
V(in): -0.5 to 36V; 25-40W DC/DC power module 25?40 W DC/DC Power Modules 24 V Input Series 25-40 W DC/DC Power Modules 24 V Input Series 25-40中西区区议会/ DC电源模块24 V输入系列
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
IPM24S0A0R03FA IPM24S0A0S03FA IPM24S0B0R03FA IPM24 |
Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
|
Delta Electronics, Inc.
|
IPM12C0A0S04FA IPM12C0A0R04FA IPM04C0A0S06FA IPM04 |
Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
|
DELTA[Delta Electronics, Inc.]
|
VS-VSKH250-04PBF VS-VSKL250-14PBF VS-VSKL250-08PBF |
400V 250A DOUBLER CIRCUIT POSITIVE PHASE CONTROL THYRISTOR/D - Bulk INPUT MODULES - MAP COMPRESSED VSK.136..PbF, VSK.142..PbF, VSK.162..PbF Series Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK) Power Modules)
|
Vishay Semiconductors
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IPM24S0A0R03FA |
Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output 德尔福系列IPM24S0C0,非隔离,综合点负载电源模块0V36V输入.015.0V3A输出
|
Delta Electronics, Inc.
|
CD4001BC CD4001BCM CD4001BCN CD4001BCSJ CD4011BCM |
Quad 2-Input NOR Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
|
Fairchild Semiconductor, Corp.
|
74ACTQ32 74ACTQ32SC 74ACTQ32SJ |
Quad 2-input OR Gate ACT SERIES, QUAD 2-INPUT OR GATE, PDSO14 18-Bit LVTTL-To-GTLP Universal Bus Transceiver 56-SSOP -40 to 85 Quiet Series Quad 2-Input OR Gate From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
1MC10-031-10 1MC10-031-15 1MC10-031-20 1MC10031 |
Thermoelectric Module The MC10 is powered sub-series of large MC series of TE micro-modules. It consists of the following TEC types
|
RMT Ltd.
|
5962G9651401QCX 5962G9651401VXC UT54ACS02 |
AC SERIES, QUAD 2-INPUT NOR GATE, CDIP14 AC SERIES, QUAD 2-INPUT NOR GATE, CDFP14 Quadruple 2-Input NOR Gates
|
Aeroflex Circuit Techno...
|
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|