PART |
Description |
Maker |
40CTQ045 40TCQ045S 40CTQ045-1 40CTQ045S 40TCQ035-1 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp 45V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
CH250S0080 |
SCHOTTKY RECTIFIER FET PROTECTION DIE From old datasheet system RECTIFIER DIODE,SCHOTTKY,CHIP
|
MICROSEMI[Microsemi Corporation]
|
SSR1045G SSR1045G1 |
10 AMPS 45 VOLTS SCHOTTKY RECTIFER 10 A, 45 V, SILICON, RECTIFIER DIODE SURFACE MOUNT SCHOTTKY RECTIFIER
|
Solid State Devices, Inc. Solid States Devices, Inc
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR120VLSFT1 MBR120VLSFT3 |
1A 20V Schottky Rectifier Surface Mount Schottky Power Rectifier From old datasheet system
|
ON Semiconductor
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|
MBRS140LT3 MBRS140LT307 MBRS140LT3G |
Surface Mount Schottky Power Rectifier 1A 40V Low Vf Schottky Rectifier ; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 1 A, 40 V, SILICON, SIGNAL DIODE
|
ON Semiconductor
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|