PART |
Description |
Maker |
AT49BV002A AT49BV002AN AT49V002ANT AT49V002AT AT49 |
AT49BV002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 2.7-Volt Read and 2.7-Vold Write. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash 256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Bottom Boot Parametric Block Flash
|
Atmel
|
AT29LV020NBSP AT29LV020 |
2M bit, 3-Volt Read and 3-Volt Write Flash From old datasheet system
|
Atmel Corp
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
AT29BV020 |
2M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
Atmel
|
AT29C040A |
4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
S29CD-J S29CL032J S29CD016J S29CD016J0JFAI000 S29C |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
AT49BV162A AT49BV162AT |
16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Bottom Boot 16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Top Boot
|
Atmel
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT49LV321 AT49BV320 AT49BV321 AT49LV320 |
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory 32M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 32M bit. 3.0-Volt Read and 3.0-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot
|
ATMEL Corporation
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|