PART |
Description |
Maker |
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
TMP86C847 TMP86C847U TMP86CH47U E_020911_86C847_SU |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family From old datasheet system CMOS 8-Bit Microcontrollers
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
JTMP04090XXXXSES TMP04090FXXXXES |
4-BIT, OTPROM, 2 MHz, MICROCONTROLLER, UUC100 CMOS 4-bit LL Microcontroller (OTP built-in) (LL: Low power consumption & voltage operation microcontroller)
|
TOSHIBA
|
SAB-C515-L24M SAF-C515-L24M SAB-C515-LM SAB-C515-1 |
8-Bit CMOS Microcontroller 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP80 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQFP80
|
Infineon Technologies AG SIEMENS AG
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
PCF80C552-5-24WP/07 PCB80C552-5-16WP/07 P83C552KBB |
Single-chip 8-bit microcontroller IC-SM-8-BIT CPU MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|80PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|68PIN|PLASTIC IC-SM-CPU 集成电路钐的CPU
|
NXP Semiconductors N.V.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
P80C652IFPN P80C652IBAA P80C652IBBB P80C652IFAA P8 |
CMOS single-chip 8-bit microcontroller 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontroller 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
|