PART |
Description |
Maker |
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
TE28F640B3 |
(TE28Fxxx) 3 Volt Advanced Boot Block Flash Memory
|
Intel Corporation
|
28F160C3 28F016C3 28F032C3 28F320C3 28F800C3 TE28F |
3 VOLT ADVANCED BOOT BLOCK, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3 VOLT ADVANCED BOOT BLOCK 8-/ 16-/ 32-MBIT FLASH MEMORY FAMILY
|
Intel
|
TE28F008B3B120 |
SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE 1M X 8 FLASH 3V PROM, 120 ns, PDSO40
|
Intel, Corp.
|
M29F002B M295V002B-120K6TR M295V002B-120XK6TR M29F |
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位256Kb × 8,启动座单电源闪 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位56Kb × 8,启动座单电源闪 35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2兆位56Kb × 8,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
TE28F160B3B120 TE28F160B3-B120 TE28F160B3B150 TE28 |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
|
INTEL[Intel Corporation]
|
|