PART |
Description |
Maker |
MTM8N35 MTM8N40 MTH8N40 MTH8N35 |
(MTH8N35 / MTH8N40) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
Motorola Semiconductor MOTOROLA[Motorola, Inc]
|
2SK3476 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
SSM3K02F |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 东芝场效应晶体管频道马鞍山类 Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications
|
Toshiba Corporation Toshiba, Corp. Toshiba Semiconductor
|
2SJ619 |
ZD-3.6V- 1 W TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2MOSV) Field Effect Transistor Silicon P Channel MOS Type (L2-PI-MOSV) Switching Regulator and DC-DC Converter Applications Motor Drive Applications
|
Toshiba Corporation Toshiba Semiconductor Sanyo Semicon Device
|
HN1K05FU |
Field Effect Transistor Silicon N Channel MOS Type For Portable Devices High Speed Switching Applications Interface Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
PTF10007 |
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 35瓦,1.0 GHz的GOLDMOS场效应晶体管 35 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 35 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
TPC8401 |
80 AMP MINI-ISO AUTOMOTIVE RELAY TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII) TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U−MOSII) TOSHIBA Field Effect Transistor Silicon N/ P Channel MOS Type (U−MOSII)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SK3471 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator and DC-DC Converter Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
|
Toshiba Semiconductor
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
2SK3407 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
|
Toshiba Semiconductor
|
TPCS8201 |
Field Effect Transistor Silicon N Channel MOS Type (U-MOS II) Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
|
TOSHIBA[Toshiba Semiconductor]
|
2SK2613 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
|
TOSHIBA[Toshiba Semiconductor]
|