PART |
Description |
Maker |
HLMP-0504 HLMP-0300 HLMP-0301 HLMP-0400 HLMP-0401 |
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS SINGLE COLOR LED, GREEN, 7.4 mm High Efficiency Red Rectangular Solid State Lamp Yellow Rectangular Solid State Lamps High Efficiency Green Rectangular Solid State Lamps 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS RED 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS YELLOW 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS GREEN
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MV5439A MV5439A4R0 |
High Efficiency Green Clear Lens T-1 3/4 Solid State Lamp 3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
HLMP-D640 HLMP-D400 HLMP-D401 HLMP-D600 HLMPD401B4 |
T-1 3/4 (5mm) SOLID STATE LAMPS PURE GREEN T-1 3/4 (5mm) SOLID STATE LAMPS SOFT ORANGE Pure Green Tinted T-1 3/4 (5 mm) Solid State Lamp T-1 3/4 5mm SOLID STATE LAMPS Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP -40 to 85 Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 85
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
QXX12RH2 QXX12RH5 QXX12LH5 QXX12LH2 QXX12NH2 QXX12 |
12 Amp bi-directional solid state switch series is designed for AC switching ALTERNISTOR TRIAC, TO-263AB RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
|
Littelfuse
|
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
WED7GXXXIDE36 WED7G016IDE33ADC25 WED7G016IDE36ADC2 |
DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
|
WEDC[White Electronic Designs Corporation]
|
AQV255 AQV258AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
TSS1J47S TSS1G45S TSS1G47S TSS1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|