PART |
Description |
Maker |
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
SMCG24 SMCG24A SMCJ5.0 SMCJ60 SMCJ60A SMCJ78 SMCJ1 |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 CMOS Hex Inverter 14-CDIP -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk INDUCTEL SENSOR RS 485-232 CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 Replaced by CD4020B : CMOS 14-Stage Ripple-Carry Binary Counter/Divider 16-CDIP -55 to 125 SURFACE MOUNT TRANSZORB垄芒 TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
1.5KE350 1.5KE7.5 1.5KE100 1.5KE400 1N6300 15KE 1. |
160 V, 1500 W, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 220 V, 1 mA, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRANSYS Electronics Limited Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
1N6267L 1N6303L 1N6267AL 1N6268AL 1N6268L 1N6269AL |
TRANSIENT VOLTAGE SUPPRESSOR TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AD
|
EIC discrete Semiconduc... Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
S26A S11A S18A S24A S12A S22A S13A S14A S15A S20A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(26V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(11V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(18V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(24V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(12V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(22V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(13V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(14V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(15V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(20V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(10V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(16V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(17V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制
|
ON Semiconductor
|
DLZ5 DLZ19C DLZ19CA DLZ8CA DLZ12A DLZ13C DLZ17A |
Transient Voltage Suppressor / Data Line Transient Suppressor Transient Voltage Suppressor 1300 W, UNIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE Transient Voltage Suppressor 1300 W, BIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
5KP22 5KP5.0A 5KP28A 5KP6.0A 5KP6.5A 5KP10 5KP10A |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANZORB, 18V UNIPOLAR, 1500W 瞬态电压抑制器
|
SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronics Co., LTD.
|
1N6302 1N6284A 1N6268A 1N6296A 1N6297A 1N6272A 1N6 |
Working Peak Reverse Voltage:8.92 V, 1500 W Transient Voltage Suppressor TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器
|
N.A. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
5KP10 5KP100 5KP10A 5KP100A 5KP36 5KP8.5A 5KP30 5K |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,000.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
Shanghai Sunrise Electronics GE Security, Inc. General Semiconductor
|
MMBZ27VDA MMBZ27VDC MMBZ6V8DC MMBZ15VDA MMBZ15VDC |
DIODE 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE, TO-236AB, PLASTIC PACKAGE-3, Transient Suppressor Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
|
VISHAY SEMICONDUCTORS VISAY[Vishay Siliconix]
|
|