PART |
Description |
Maker |
SD210DE SST823 SST824 SD5001N SD5401CY SST215 |
Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
|
LINEAR[Linear Integrated Systems]
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
AP2202K-2.7TR AP2202K-ADJTR AP2202K-ADJTRE1 AP2202 |
150mA RF ULDO REGULATOR 150mA的射频ULDO调节 150mA RF ULDO REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA RF ULDO REGULATOR 150mA的射ULDO调节
|
Intersil, Corp. BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
R1154N120C-TR-FE R1154N025B-TR-FE R1154N025C-TR-FE |
150mA Voltage Regulator (Wide Input Voltage Range)
|
RICOH electronics devic...
|
ISL85412 |
Wide VIN 150mA Synchronous Buck Regulator
|
Intersil Corporation
|
AMS112M1-3 AMS112 AMS112M1-5 AMS112M1-33 AMS112M1- |
5.0V 150mA low dropout voltage regulator with on/off switch 150mA LOW DROPOUT VOLTAGE REGULATOR 150mA的低压差稳压
|
ADMOS[Advanced Monolithic Systems] AMDOS Advanced Monolithic Systems, Inc.
|
SPX5205 SPX5205M5 SPX5205M5-1.8 SPX5205M5-2.5 SPX5 |
150 mA, Low-Noise LDO Voltage Regulator(Wide Range of Fix Output Voltages)(150mA,低噪声,低压差稳压器(宽范围的固定输出电压,STO-23封装可调)) 150毫安低噪声LDO稳压器(广泛的固定输出电压)50毫安,低噪声,低压差稳压器(宽范围的固定输出电压,高级技术主 23封装可调))
|
Amphenol, Corp. SIPEX[Sipex Corporation]
|
MC7808ACT MC7808CT MC7809CT MC7808CTG MC7808CDT MC |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85
|
http:// Rectron Semiconductor
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SPX1121S-5.0 SPX1121S-3.3 SPX1121S-2.5 SPX1121S SP |
150mA Low Dropout Voltage Regulator
|
http:// SIPEX[Sipex Corporation]
|
SPX1121M3-L-5.0/TR SPX1121N-L-5.0 SPX1121N-L-5.0/T |
150mA Low Dropout Voltage Regulator, 1%
|
Sipex Corporation
|
MIC2950 MIC2950-05BZ MIC2950-06BZ MIC2951-02BM MIC |
Replaced by PT5404 : 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 150mA Low-Dropout Voltage Regulator
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|