PART |
Description |
Maker |
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
ISPLSI2064V-100LJ84 ISPLSI2064V-100LJ84I ISPLSI206 |
3.3V High Density Programmable Logic 3.3V High Density Programmable Logic 3.3高密度可编程逻辑 3.3V High Density Programmable Logic EE PLD, 15 ns, PQCC84
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PA7024 PA7024J-15 PA7024J-20 PA7024JI-25 PA7024JN- |
20ns programmable electrically erasable logic array 15ns programmable electrically erasable logic array Programmable Electrically Erasable Logic Array 电可擦除可编程逻辑阵列
|
ICT Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
PAL20R8XX PAL20L8BCNS PAL20L8BCNL PAL20R4A2CNL |
24 pin TTL Programmable Array Logic Fuse-Programmable PLD
|
AMD
|
PALCE16V8H-5SC PALCE16V8H-5SI PALCE16V8H-5SI4 PALC |
CAP 47PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 47PF 200V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE CMOS 20-Pin Universal Programmable Array Logic 电子工程的CMOS 20引脚通用可编程阵列逻辑 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PQCC20 CAP 47PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 电子工程的CMOS 20引脚通用可编程阵列逻辑 CAP 47PF 100V 5% NP0(C0G) SMD-1206 SN-NIBAR SPECIAL PKG 电子工程的CMOS 20引脚通用可编程阵列逻辑 8 BIT MCU W/8K FLASH
|
Advanced Micro Devices, Inc. Lattice Semiconductor, Corp. ADVANCED MICRO DEVICES INC
|
5962-90555023X 5962-9055502LX |
Programmable Logic : Programmable Logic Devices
|
Cypress
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|