PART |
Description |
Maker |
2SC4020 |
Isolated Flyback Switching Regulator with 9V Output 3 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2N2221A2 2N2221AUBC 2N2222A JANS2N2222A JANS2N2222 |
NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255 ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted) TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
|
Microsemi Corporation http://
|
FA1A4Z FA1A4ZL68 FA1A4ZL67 FA1A4ZL69 FA1A4Z-L FA1A |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-346 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN
|
NEC Corp. ON Semiconductor
|
GA1A4Z GA1A4Z-T2 GA1A4ZL69-T1 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR SUPER MINIMOLD PACKAGE-3 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
UPA1478 UPA1478H UPA1478H-AZ |
2 A, 35 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR SIP-10 NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
Micrel Semiconductor, Inc. NEC[NEC]
|
UPA1458 UPA1458H UPA1458H-AZ |
5 A, 70 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR SIP-10 NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
Micrel Semiconductor, Inc. NEC[NEC]
|
ST13003 ST130003 |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 1.5A I(C) | SOT-32 HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FJX3013R FJX3013RTF |
Switching Application 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MJE13007 4164 |
Silicon NPN Switching Transistor(纭?PN寮???朵?绠々 From old datasheet system SILICON NPN SWITCHING TRANSISTOR
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ZXT10N15DE6 ZXT10N15DE6TA ZXT10N15DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|