PART |
Description |
Maker |
MAX3218 MAX3218CAP MAX3218CPP MAX3218EAP MAX3218EP |
1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown LINE TRANSCEIVER, PDSO20 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown(1.8~4.25V,自动关闭方式20kbps,RS-232收发 1µA.8V.25V、RS-232收发器,带有AutoShutdown™ 1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown⑩ 1µA, 1.8V to 4.25V RS-232 Transceiver with AutoShutdown 1A Supply Current / 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT8801YTB-GT3 CAT8801WSD-GT3 CAT8801VSD-GT3 CAT88 |
200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current POWER SUPPLY SUPPORT CKT, PDSO3
|
ON Semiconductor
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
AD8541AKS-R2 AD8541AKS-REEL7 AD8542ARM-R2 AD8542AR |
General Purpose CMOS Rail-to-Rail Amplifiers Dual Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current Single Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current
|
http:// Analog Devices
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
GS100502 |
Geartooth Hall Effect Sensor; Supply Voltage Max:24VDC; Supply Voltage Min:4.5VDC; Supply Current Max:6mA; Sensor Terminals:Wire Leads; Leaded Process Compatible:No; Output Type:Sink; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
THE CHERRY CORP
|
ISPPAC-CLK5610V-01T48C ISPPAC-CLK5610V-01T48I ISPP |
LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:525nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 Spot Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:470nm 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:470nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer 在系统可编程,零延迟时钟发生器通用扇出缓冲 LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No Spot Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:530nm Backlight LED; Color:Red; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED On-Axis Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:100x100mm; Peak Reflow Compatible (260 C):No; Supply Current:500mA; Supply Voltage:24VDC; Wavelength:520nm LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA Backlight LED; Color:Red; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:530nm LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:525nm
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
EL2460 EL2260CN EL2260CS EL2460CS EL2460CN EL2260 |
1GHz, 4x1 Multiplexing Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Dual/Quad 130MHz Current Feedback Amplifiers Op Amp, Dual 130MHz, Current Feedback, 75?Cable Driver, Dual or Single Supply (33V) Op Amp, Quad 130MHz, Current Feedback, 75Cable Driver, Dual or Single Supply (33V)
|
INTERSIL[Intersil Corporation]
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|