PART |
Description |
Maker |
LRI64-MBTG LRI6407 LRI64-A1S LRI64-W4 LRI64-A1T |
Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
HARSH-TAG-150W |
UHF RFID HARSH-TAG-150W Tag-on-metal
|
PREMO CORPORATION S.L
|
LRI512 7686 |
From old datasheet system Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
|
STMICROELECTRONICS[STMicroelectronics]
|
MC33161D MC33161DR2 MC33161P MC34161 MC34161D MC34 |
Tag-it(TM) HF-I Plus Transponder Inlays CD 0-RFIDN -25 to 70 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Tag-it(TM) HF-I Pro Standard Transponder Inlays CD 0-RFIDN -25 to 70 Tag-it(TM) HF-I Standard Transponder Inlays 24.2-mm Circular 0-RFIDN -25 to 70 Universal Voltage Monitors
|
ONSEMI[ON Semiconductor]
|
AT88SC0808CRF09 AT88SC0808CRF-MR1 AT88SC0808CRF-WA |
13.56 MHz CryptoRF? EEPROM Memory 8 Kbits 13.56 MHz CryptoRF庐 EEPROM Memory 8 Kbits 13.56 MHz CryptoRF垄莽 EEPROM Memory 8 Kbits
|
ATMEL Corporation
|
LRIS2K LRIS2K08 LRIS2K-A1S LRIS2K-A1T LRIS2K-SBN18 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
MC33157 MC33157DW ON0976 MC33157-D |
Tag-it(TM) HF-I Plus Transponder Inlays Square 0-RFIDN -25 to 70 半桥控制器和工业线性驱动管 Tag-it(TM) HF-I Standard Transponder Inlays Square 0-RFIDN -25 to 70 From old datasheet system PIN CONNECTIONS AND Half Bridge Controller and Driver for Industrial Linear Tubes
|
ONSEMI[ON Semiconductor]
|
1691A 1693AD 1680A 1680AD |
1690A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State 136 Channels 1M Memory 1693AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State 34 Channels 4M Memory 1690AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State 136 Channels 4M Memory 1680AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State 136 Channels 4M Memory
|
Agilent (Hewlett-Packard)
|
MK48S80X20/20 MK48S80X25/20 |
8K X 8 CACHE TAG SRAM, 20 ns, PDSO28 0.300 INCH, PLASTIC, SOJ-28 8K X 8 CACHE TAG SRAM, 25 ns, PDSO28
|
ST Microelectronics STMICROELECTRONICS
|
LRI1K |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
1670G 1672G 1673G |
1670G Standalone Logic Analyzer with 500 MHz Timing/150 MHz State, 136 Channels, 128K Memory 1672G Standalone Logic Analyzer with 500 MHz Timing/150 MHz State, 68 Channels, 128K Memory 1673G Standalone Logic Analyzer with 500 MHz Timing/150 MHz State, 34 Channels, 128K Memory
|
Agilent (Hewlett-Packard)
|
M25P16-VMF M25P16-VMF6P M25P16-VME6P M25P16-VMF6TP |
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface 16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface 16 Mbit Low Voltage Serial Flash Memory With 50 MHz SPI Bus Interface
|
STMICROELECTRONICS[STMicroelectronics]
|