PART |
Description |
Maker |
967598-1 |
MODU II PIN HEADER , 32 POS. MODU II Stiftwanne , 32 pol
|
Tyco Electronics
|
SCC2692 SCC2692_3 SCC2692AE1A44 SCC2692AC1B44 SCC2 |
Dual universal asynchronous receiver/transmitter (DUART锛?????ㄥ?姝ユ??跺?浼???ī Dual universal asynchronous receiver/transmitter (DUART双通用异步接收传送器) Dual asynchronous receiver/transmitter DUART From old datasheet system Dual asynchronous receiver/transmitter (DUART)
|
NXP Semiconductors N.V. Philips Semiconductors
|
CY7B9334-270JC CY7B9234-270JC CY7B9234 CY7B9234-40 |
SMPTE HOTLink® Transmitter/Receiver SMPTE HOTLink Transmitter/Receiver SMPTE HOTLink Transmitter/Receiver
|
CYPRESS[Cypress Semiconductor]
|
AK2125 |
Receiver/ Demodulator for time code signals transmitted by the transmitter DCF77( Germany) ,MSF(UK), or WWVB(USA) From old datasheet system Radio Controlled Clock Receiver
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Gunter Seniconductor GmbH.
|
5962-9052502MQA 5962-9052501MQA |
CMOS universal asynchronous receiver transmitter (UART), 8MHz = 500K BAUD CMOS universal asynchronous receiver transmitter (UART), 2MHz = 125K BAUD
|
Intersil
|
EMRS-1H EMRS-1HTR EMRS-1HX EMRSL-1H EMRSJ-1H |
/-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 20-SSOP /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC E-Series Surface Mount Mixer .5 -500 MHz E系列表面贴装混合.5 -500兆赫 /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP E系列表面贴装混合.5 -500兆赫 /-15kV ESD Protected, 3V To 5.5V, 1microamp, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 20-SSOP E系列表面贴装混合.5 -500兆赫
|
Panasonic Industrial Solutions Powertip Technology, Corp.
|
TS-905 |
Infrared Transmitter / Receiver
|
TOA
|
ACE9020 ACE9020NP1T ACE9020B ACE9020KG ACE9020NP1S |
Receiver and Transmitter Interface
|
ZARLINK[Zarlink Semiconductor Inc]
|
HFBR-0508 HFBR-2528 HFBR-1528 |
10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 μm HCS? 10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 レm HCS㈢
|
http:// AVAGO TECHNOLOGIES LIMITED
|
MB89251A |
SERIAL DATA TRANSMITTER / RECEIVER
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
HVE-6501 HVE-6501T |
HDMI over IP PoE Transmitter/Receiver
|
Level One
|
SCC68681C1A44 SCC68681C1N40 SCC68681E1N40 SCC68681 |
Dual asynchronous receiver/transmitter
|
PHILIPS[Philips Semiconductors]
|