PART |
Description |
Maker |
DRL48A35 DRL48A35-22 DRL48D35 DRL48D35-21 |
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies I... Teledyne Technologies Incorporated
|
STEVAL-ISA009V1 |
VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
|
STMicroelectronics
|
RD2 |
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
|
Power Integrations, Inc...
|
S24A40-22 S24D40-22 S24R40-22 S24D25-22 S48D25-22 |
Single Output to 125A 660 Vac AC/DC Control
|
Teledyne Technologies Incorporated.
|
NP0850A |
Front-End Power Supply:170 Vac to 264 Vac Input; 54.2 Vdc Output; 850 W(前端电源(170V64V交流输入;54.2V直流输出850W功率 前端电源70 VAC64 VAC输入; 54.2 Vdc输出850瓦(前端电源(的170V64V交流输入; 54.2V直流输出850W的功率)
|
Lineage Power, Corp.
|
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SD24D50-06 SD24R50-06 |
(SD24Dxx) Dual Output to 50A 600 Vac DC Control (SD24Rxx) Dual Output to 50A 600 Vac DC Control
|
Teledyne Technologies Incorporated
|
31.1623 31.1623-ND 0031.1632 0031.1633 0031.1621 0 |
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
|
Schurter Inc.
|
H12WD48125 H12WD4825 H12WD4875 |
25-125Amp 480 Vac AC Output
|
Electronic Theatre Controls, Inc.
|
S312 S322 S3012A S3022A |
3 AMP 120, 240 VAC AC OUTPUT
|
List of Unclassifed Manufacturers ETC[ETC]
|
TD2420Q |
20Amp 120/240 Vac AC Output 20Amp 120/240 Vac AC Output
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|