PART |
Description |
Maker |
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C4291-25JC CY7C4291-15JC |
64K/128K x 9 Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 64K/128K x 9 Deep Sync FIFOs 128K X 9 OTHER FIFO, 10 ns, PQCC32
|
Cypress Semiconductor, Corp.
|
CY7C425509 CY7C4265A-15ASI |
8K/16K x 18 Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4285V-15ASXI |
8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4271V-10JXC CY7C4281V-10JXC CY7C4261V-10JXC CY |
16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4275 7C4285 |
32K/64Kx18 Deep Sync FIFOs From old datasheet system
|
Cypress
|
Y5-12-12 Y5-12-15 Y5-12-5 Y5-12S15 Y5-12S5 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 256K (32K x 8) Static RAM 16K/32K/64K/128K x 9 Low-Voltage Deep Sync™ FIFOs 模拟IC 72-Mbit QDR-II™ SRAM 2-Word Burst Architecture USB LOW SPEED, 3 ENDPOINT, ENCORE II, 16-SOIC
|
东电?中国)投资有限公司
|
CY7C4265V CY7C4275V CY7C4255V CY7C4285V 7C4285V |
32K/64Kx18 Low Voltage Deep Sync FIFOs From old datasheet system
|
Cypress
|
CY7C4841 CY7C4831-10AC CY7C4831-10AI CY7C4831-25AC |
Memory : FIFOs 256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
|
Cypress Semiconductor
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
AT90CAN3207 |
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller 82K/64K/128K的ISP闪存和微控制器的CAN字节
|
Atmel, Corp.
|
CY7C0833AV CY7C0833AV-100BBC CY7C0833AV-100BBI CY7 |
FLEx18⑩ 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|