PART |
Description |
Maker |
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
CY7C1049CV33 CY7C1049CV33-15ZXC CY7C1049CV33-10VC |
4-Mbit (512K x 8) Static RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 Static RAM 12k × 8静态RAM 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
Y15-12-15 Y15-12-12 Y15-12S5 Y15-12S5-15B2A Y15-12 |
MoBL® 8-Mbit (512K x 16) Static RAM Programmable Skew Clock Buffer Analog IC 模拟IC MoBL® 8-Mbit (512K x 16) Static RAM 模拟IC EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller
|
HIROSE ELECTRIC Co., Ltd.
|
CY62157EV18LL-55BVXI |
8-Mbit (512K x 16) Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48
|
Cypress Semiconductor, Corp.
|
CY62148EV30LL-45ZSXA |
4-Mbit (512K x 8) Static RAM; Density: 4 Mb; Organization: 512Kb x 8; Vcc (V): 2.20 to 3.60 V; 512K X 8 STANDARD SRAM, 45 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
CY62157DV30 CY62157DV30LL-70ZXI CY62157DV30L CY621 |
8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 8兆位(为512k × 16)的MoBL静态RAM 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PDSO44 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-39 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-39 Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Matte Black RoHS Compliant: Yes Coaxial Cable; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes Quadruple 2-Input Positive-OR Gate 14-TSSOP -40 to 85 8-Mbit (512K x 16) MoBL(R) Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY62148EV30LL-45BVXI CY62148EV30LL-55SXI CY62148EV |
4-Mbit (512K x 8) Static RAM 512K X 8 STANDARD SRAM, 55 ns, PDSO32 4-Mbit (512K x 8) Static RAM 512K X 8 STANDARD SRAM, 45 ns, PDSO32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62157ELL-45ZSXI CY62157ELL-55BVXE CY62157ELL-55Z |
8-Mbit (512K x 16) Static RAM
|
Cypress Semiconductor
|
CY62148ESL-55ZAXI CY62148ESL |
4-Mbit (512K x 8) Static RAM
|
Cypress Semiconductor
|
CY62157EV1809 |
8-Mbit (512K x 16) Static RAM
|
Cypress Semiconductor
|
CY62148BLL-70SC CY62148BLL-70SI CY62148BLL-70ZC CY |
4-Mbit (512K x 8) Static RAM
|
Cypress Semiconductor
|
CY62148VNLL |
4 Mbit (512K x 8) Static RAM
|
Cypress Semiconductor
|