PART |
Description |
Maker |
138D107X0010F2 138D127X0015F2 138D156X0015C2 138D1 |
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Wet Tantalum Capacitors Sintered Anode TANTALEX?? Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal 液体钽电容器烧结阳极TANTALEX??电容器密封型,具有真玻璃对钽密封
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
STE STE600016T4KI STE600016T4KX STE600016T4MI STE6 |
SuperTan? Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan庐 Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan㈢ Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
|
Vishay Siliconix
|
735DE 735D686X0075C2 735D685X0075A2 735D686X0075B2 |
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved 与玻璃液体钽电容器的钽密封产品核定的CECC 30202
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
STA1000 STA150 |
Wet Tantalum Capacitors
|
Vishay Intertechnology
|
TLS277X006C1B TLS256X008C1A TLS476X050C1B TLS106X0 |
Wet Tantalum Capacitors
|
Mallory
|
MTP156K00691D MTP156M00691D MTP |
Wet Tantalum Capacitors Subminiature, Axial Leads
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
XTH-K-L-M-V |
Wet Tantalum Capacitors, Cylindrical Body, Hermetically Sealed
|
Vishay
|
M39006220660 M39006_31 M39006 M39006_09 M39006_21 |
Wet Tantalum Capacitors / Military Established Reliability / MIL-PRF-39006 Qualified Styles CLR65 / 69 / 79 / 81 / 90 / 91 Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
|
VISAY[Vishay Siliconix]
|
M3900622-0441H 300074 M39006-22 M39006-25 M3900622 |
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
|
Vishay Siliconix
|
ST |
SuperTan? Wet Tantalum Capacitors with Hermetic Seal, FEATURES: Very High Capacitance, 10 to 1800μF, 25 to 125VDC, -55°C to 125°C, Very Low ESR and High Ripple Current
|
Vishay
|
ST47-60T1MIE3 ST560-25T2KI ST32ETA503 ST15-100T1KI |
ST SuperTan® Wet Tantalum Capacitors with Hermetic Seal Cap Tant Wet 560uF 25V 10% (7.92 X 17.88mm) Axial 0.83 Ohm 125C Bulk Res Cermet Trimmer 50K Ohm 20% 1/8W 1(Elec)/1(Mech)Turn 1.9mm (3.4 X 3.5 X 2mm) J-Hook SMD T/R CAP 15UF 100VDC 20% 5.56 X 13.08MM AXL - Bulk SCR PHASE CONT 600V 280A TO-93 Cap Tant Wet 10uF 125V 10% (4.78 X 11.51mm) Axial 5.5 Ohm 125C Bulk CAP 10UF 125VDC 20% 4.78 X 11.51MM AXL - Bulk CAP WET TANT 1200UF±20%V CAP 330UF 75VDC 20% 10.31 X 21.03MM AXL - Bulk CAP 33UF 75VDC 10% 4.78 X 11.51MM AXL - Bulk CAP 150UF 60VDC 10% 7.92 X 17.88MM AXL - Bulk Cap Tant Wet 220uF 100V 20% (10.31 X 28.6mm) Axial 1.2 Ohm 125C Bulk
|
Vishay Sprague Vishay Semiconductors
|