PART |
Description |
Maker |
LT1028A LT1128A LT1028CSW |
Ultralow Noise Precision High Speed Op Amps Unity Gain Stable Ultra-Low Noise Precision High Speed Op Amp Ultra Low Noise Precision High Speed Op Amps
|
Linear Technology
|
MAX4202ESA-T |
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers BUFFER AMPLIFIER, PDSO8
|
Maxim Integrated Products, Inc.
|
BH62UV1601AIG55 BH62UV160108 |
Ultra Low Power/High Speed CMOS SRAM
|
Brilliance Semiconductor Brilliance Semiconducto...
|
ADM1485 |
5V High Speed, Ultra-Low Power EIA RS-485 Transceiver
|
Analog Devices
|
BH616UV8010AI55 BH616UV8010TI70 BH616UV8010DIP55 B |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconductor
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
27HC256L-55E/J 27HC256L-70/K 27HC256L-70E/K 27HC25 |
Dual High-Speed, 1.5A MOSFET Drivers 140MHz, 2-Channel, Video Multiplexer Amplifier Evaluation Kit for the MAX4411 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP Evaluation Kit for the MAX4410 250MHz Wideband Transconductance Amplifier with Differential Output CMOS, Micropower, Inverting Switching Regulator Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable Low-Noise, High-Precision Op Amps x8 EPROM x8存储 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown x8存储 8-Channel, High-Speed, Video Multiplexer Amplifier x8存储 Evaluation Kit for the MAX4383 x8存储
|
Unisonic Technologies Co., Ltd.
|
2SB1628 2SB1628ZX 2SB1628-ZX-AZ |
3 A, 16 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits Low-VCE(sat) bipolar transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
|
Omron Electronics, LLC NEC Corp.
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|