PART |
Description |
Maker |
BUDI-6000D-1A |
60 AMP JUMBO DIODE CELL
|
DIOTEC Electronics Corporation
|
JSOZAA70M |
JUMBO SOZA CELL
|
MIC GROUP RECTIFIERS
|
SCFR2504 SCFR2506 |
25.0 Amp SOZA CELL AUTO DIODE High surge current capability
|
First Components International
|
7964-6500EC 7964-6564EC |
1 & 2 CELL, FULLY INTEGRATED LI-LON/POLYMER CHARGE MANAGEMENT CONTROLLER, -40C to 85C, 16-SOIC 150mil, T/R 1 & 2 CELL, FULLY INTEGRATED LI-LON/POLYMER CHARGE MANAGEMENT CONTROLLER, -40C to 85C, 16-QFN, TUBE 1 & 2 CELL, FULLY INTEGRATED LI-LON/POLYMER CHARGE MANAGEMENT CONTROLLER, -40C to 85C, 16-QFN, TUBE BUCHSENLEISTE IDC的STUFE2 ZUGENTL 64POL
|
Ecliptek, Corp.
|
LT1307BCMS8TR LINEARTECHNOLOGYCORP-LT1307IS8TR LT1 |
Single Cell Micropower 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single Cell Micropower 600kHz PWM DC/DC Converters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.25 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ADP3401 ADP3401ARU ADP3401-15 |
2nd Level Over Voltage Protection for 2, 3, or 4 Cell LiIon & LiPoly Batteries (2nd Lev Protection) 8-TSSOP -25 to 85 手机电源管理系统 2nd Level Over Voltage Protection for 2, 3, or 4 Cell LiIon & LiPoly Batteries (2nd Lev Protection) 8-TSSOP -25 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO28 2nd Level Over Voltage Protection for 2, 3, or 4 Cell LiIon & LiPoly Batteries (2nd Lev Protection) 8-TSSOP -25 to 85 GSM Power Management System for use with AD20msp425 GSM Power Management System
|
Analog Devices, Inc.
|
FYV0203DSMTF |
Schottky Diode; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Fairchild Semiconductor, Corp.
|
LT1610CS8TRPBF LT1610CMS8TR LT1610-15 |
1.7MHz, Single Cell Micropower DC/DC Converter 1.7MHz, Single Cell Micropower DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 0.9 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8 1.7MHz, Single Cell Micropower DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 0.9 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
ELJ-630-648-1 |
Jumbo-LED
|
EPIGAP optoelectronic GmbH
|
ELJ-870-629 |
Jumbo-LED
|
EPIGAP optoelectronic GmbH
|
ELJ-465-617 |
Jumbo-LED
|
EPIGAP optoelectronic GmbH
|
|