PART |
Description |
Maker |
WAP-0008 |
Wireless 11g Wireless Access Point with SATA/IDE Storage
|
Level One
|
SPD06N60C3 |
for lowest Conduction Losses & fastest Switching
|
Infineon
|
MAX8536 MAX8535 |
ORing MOSFET Controllers with Fastest Fault Isolation for Redundant Power Supplies
|
MAXIM - Dallas Semiconductor
|
SPW35N60C3 Q67040-S4673 |
CoolMOS Power Transistor for lowest Conduction Losses & fastest Switching
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
PH28F128L18T85 PH28F256L18T85 PH28F640L18T85 JZ48F |
StrataFlash Wireless Memory 无线的StrataFlash存储 StrataFlash Wireless Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA56
|
Intel Corp. Intel, Corp.
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
SPW24N60C3 24N60C3 Q67040-S4640 |
for lowest Conduction Losses & fastest Switching Cool MOS Power Transistor CoolMOS Power Transistor CoolMOS功率晶体
|
INFINEON[Infineon Technologies AG]
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|
AT86ZL3201 |
AT86ZL3201 Z-Link?/a> Controller Customized for IEEE 802.15.4 and ZigBee?/a> Wireless Systems AT86ZL3201 Z-Link⑩ Controller Customized for IEEE 802.15.4 and ZigBee⑩ Wireless Systems
|
ATMEL[ATMEL Corporation]
|
SI4136-EVB SI4136-BT SI4136-BMR SI4126-BMR SI4126- |
ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, QCC28 ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
|
Silicon Laboratories Inc. Silicon Laboratories, Inc.
|