PART |
Description |
Maker |
1.5KE350 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1N6 |
TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb????靛?????? TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 TransZorb瞬态电压抑制器TransZorb瞬变电压抑制器) UHV 95-KH/KH TRANSZORB⑩瞬态电压抑制器 PT 2,5/ 7-7,5-H TRANSZORB⑩瞬态电压抑制器 TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器 PTA 1.5/14-3.5 PTSA 0.5/11-2.5-Z TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB Transient Voltage Suppressors TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor]
|
ATV06B141J-HF ATV06B141JB-HF ATV06B510JB-HF ATV06B |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=85V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=100V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=11V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=440V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=300V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=400V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=600Watts, V-RWM=130V, Tolerance=5%
|
Comchip Technology
|
ATV50C101JB-G ATV50C110J-G ATV50C110JB-G ATV50C111 |
Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=13V, Tolerance=5%
|
Comchip Technology
|
1.5KE350 1.5KE7.5 1.5KE100 1.5KE400 1N6300 15KE 1. |
160 V, 1500 W, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 220 V, 1 mA, glass passivated junction transient voltage suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRANSYS Electronics Limited Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS http:// List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
1N6267L 1N6303L 1N6267AL 1N6268AL 1N6268L 1N6269AL |
TRANSIENT VOLTAGE SUPPRESSOR TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AD
|
EIC discrete Semiconduc... Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
P4KA30A P4KA20 P4KA20A P4KA6.8A P4KA6.8 P4KA7.5A P |
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR 汽车瞬态电压抑制器 Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 25V; Packaging: Tape & Reel Automotive Transient Voltage Suppressor(汽车瞬变电压抑制
|
GE Security, Inc. GE[General Semiconductor]
|
BZG04 BZG04-180 BZG04-30 BZG04-9V1 BZG04-10 BZG04- |
Transient voltage suppressor diodes 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC Pin Programmable Precision Voltage Reference; Package: Header; No of Pins: 8; Temperature Range: Commercial Transient voltage suppressor diodes(瞬变电压抑制二极
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
1.5SMC220 1.5SMC6V8 1.5SMC6V8A 1.5SMC6V8C 1.5SMC6V |
130 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode 1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 220 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Fagor
|
|