PART |
Description |
Maker |
US66EDC US65EDC US65 |
Two-Coil Low Noise Fan Driver High Output Current
|
Melexis Microelectronic Systems
|
US6214 |
Two-coil Fan Driver
|
Melexis Microelectronic Systems
|
US73 |
(US72 / US73) Single Coil Fan Driver
|
Melexis
|
TO-94 AH9279Z4-G1 AH9279 |
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
|
Diodes Incorporated BCD Semiconductor Manufacturing Limited
|
AP1307Z-SLA AP1307 AP1307A-S AP1307A-SA AP1307A-SL |
Two Coil Fan Motor Predriver Two Coil Fan Motor Predriver 两个线圈风扇电机预驱动器 70 mA, two coil fan motor predriver
|
Intersil, Corp. Alpha Wire Company ANACHIP[Anachip Corp] http://
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
MLX10801 |
Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
|
Melexis Microelectronic Systems
|