PART |
Description |
Maker |
EL8103IW-T7 EL8103IW-T7A EL8102 EL8102IS EL8102IS- |
500MHz Rail-to-Rail Amplifiers Single, 500MHz, Rail-to-Rail Amplifier with Enable
|
INTERSIL[Intersil Corporation]
|
MAX4412 MAX4412EUK-T MAX4412EXK-T MAX4413 MAX4413E |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs OP-AMP, 9000 uV OFFSET-MAX, PDSO5 Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs DUAL OP-AMP, 9000 uV OFFSET-MAX, PDSO8 "Low- Cost, Low-Power, 3V/ 5V, 500MHz, 1.7mA Single-Supply Op Amps with Rail-to-Rail Outputs" "Low- Cost, Low-Power, 3V/ 5V, 500MHz, 1.7mA Single-Supply Op Amp with Rail-to-Rail Output"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
5962-0721302QXC |
500MHz Rail-to-Rail Amplifiers 2 CHANNEL, VIDEO AMPLIFIER, CDFP10
|
Intersil, Corp.
|
5962-0623502QPC |
500MHz Rail-to-Rail Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, CDIP8
|
Intersil, Corp.
|
EL8202IY EL8202IY-T13 EL8202IY-T7 EL8403IS-T7 |
500MHz Rail-to-Rail Amplifiers
|
INTERSIL[Intersil Corporation]
|
5962-0721302QX 5962-0721303QY 5962-0721301QX |
500MHz Rail-to-Rail Amplifiers
|
Intersil
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
EDI8L24129V EDI8L24129V12BC EDI8L24129V10BC EDI8L2 |
128Kx24 SRAM 3.3 Volt(128Kx24, 3.3V,CMOS静态RAM) 500MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
White Electronic Designs Corporation
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
|