PART |
Description |
Maker |
PF10 PF100 |
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES
|
EDI
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AM1S-0505S AM1S AM1S-1209S AM1S-0503S AM1S-1224S A |
From old datasheet system Voltage Regulator IC; Output Current:300mA; Output Voltage:1.8V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:1.8V Voltage Regulator IC; Output Current:300mA; Output Voltage:3.3V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:3.3V 1 watt dc-dc converters 1瓦的DC - DC转换 Linear Voltage Regulator IC; Output Current Max:300mA; Supply Voltage Max:6V; Package/Case:8-MSOP; Current Rating:300mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Package/Case:8-MSOP; Output Current:300mA; Output Voltage:2.5V; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:2.5V RoHS Compliant: No
|
Aimtec ETC Electronic Theatre Controls, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
AD7701 ADR439ARMZ ADR439ARMZ-REEL7 ADR439ARZ ADR43 |
Toggle Switch; Circuitry:SPDT; Switch Operation:On-None-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Bracket RoHS Compliant: Yes Ultralow Noise XFET Voltage References with Current Sink and Source Capability 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Ultralow Noise XFET Voltage References with Current Sink and Source Capability 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8
|
Analog Devices, Inc.
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|