PART |
Description |
Maker |
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
MIC2225-4MYMT MIC2225-GMYMT MIC2225-4OYMT MIC2225- |
2MHz 600mA Synchronous Buck Regulator with 300mA LDO 1 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10 2MHz 600mA Synchronous Buck Regulator with 300mA LDO
|
Welwyn Components, Ltd. Micrel Semiconductor MICREL INC
|
FP6160B FP6160BIR-LF-ADJ FP6160BKR-LF-ADJ |
600mA Synchronous Step-Down Regulator
|
Feeling Technology
|
GS5571 |
600mA Synchronous Step-Down Converter
|
GlobalTech
|
EUP3406VIR1 EUP3406 |
1.5MHz, 600mA Synchronous Step-Down Converter
|
Eutech Microelectronics Inc
|
AME5249A |
1.5MHz, 600mA Synchronous Buck Converter
|
Analog Microelectronics
|
MP2104DJ MP2104DJ-1.5 MP2104DQT MP2104DJ-1.8 |
1.7MHz, 600mA Synchronous Step-Down Converter
|
MPS Industries, Inc.
|
SP6669 SP6669CEK-L_TRR3 SP6669BEK-L_TRR3 SP6669AEK |
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
|
Exar Corporation
|
CM3706AGIM25 CM3706A |
1.5MHz, 600mA Synchronous Step-Down Regulator
|
Champion Microelectronic Corp.
|
TRSP6659EK1-1.8 SP6659 SP6659EK1 SP6659EK1_TR SP66 |
1.5MHz, 600mA Synchronous Buck Regulator
|
SIPEX[Sipex Corporation]
|
UM3501 UM3501DA |
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
|
Union Semiconductor, In...
|
UM3500 |
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
|
Union Semiconductor, In...
|