PART |
Description |
Maker |
M24SR02-YMC6T/2 |
2-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
M24SR16-YMC6T/2 M24SR16-YDW6T/2 |
16-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
ST25DV04K |
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
|
STMicroelectronics
|
PN5120A0ET PN5120A0HN PN5120A0HN1 PN512AA0HN1 |
Full NFC forum compliant solution (TFBGA64) Full NFC forum compliant solution, 8-bit parallel interface (HVQFN40) Full NFC forum compliant solution (HVQFN32) Full NFC forum compliant solution (AEC-Q100)
|
NXP Semiconductors
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
UNIRS232USB |
The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
|
rfsolutions.ltd
|
821-IF56.25M-A |
56MHz IF SAW Filter
|
Oscilent Corporation
|
NT2L1011G0DUD NT2L1011G0DUF NT2L1211G0DUD NT2L1211 |
NTAG210, NFC Forum Type 2 Tag compliant IC with 48 bytes user memory NTAG212, NFC Forum Type 2 Tag compliant IC with 128 bytes user memory
|
NXP Semiconductors
|
AS3911B |
NFC Initiator / HF Reader IC
|
ams AG
|
AS3911-BQFT-1K |
NFC for Point of Sale
|
List of Unclassifed Manufacturers
|
PULSEW3579 |
Ferrite-backed Embedded NFC Antenna
|
Pulse A Technitrol Company
|