PART |
Description |
Maker |
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
BFS20R Q62702-F589 BFS20 Q62702-F350 |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN硅射频晶体管 NPN SILICON RF TRANSISTOR
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
10WATTVSI-MINIA |
Output Voltage 1.8V-3.3V Ultra High Efficiency 92%
|
Volgen Kaga Electronics Inc.
|
BL-C3336M BL-C3436 BL-C1131A BL-C1131A- BL-C1132 B |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% STANDARD LED LAMPS 标准LED节能 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
DQ65033QGL10NRT DQ65033QGL10PKT DQ65033QGL10NKT DQ |
Dual Output, High Efficiency, Isolated DC/DC Converter
|
SynQor Worldwide Headquarters
|
WS57C43 WS57C43C WS57C43C-25D WS57C43C-25J WS57C43 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% HIGH SPEED 4K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BFS380L6 |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% RF-Bipolar - NPN Silicon TWIN type RF-Transistor in TSLP-6 package for LNA and VCO Modules up to 4GHz NPN Silicon RF Transistor ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
INFINEON[Infineon Technologies AG]
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
BD8313HFN10 |
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|