PART |
Description |
Maker |
AD8143ACPZ-REEL |
High Speed, Triple Differential Receiver with Comparators LINE RECEIVER, QCC32
|
Analog Devices, Inc.
|
EL5172IS EL5172 EL5172IS-T13 EL5172IS-T7 EL5172IY |
Triple, 250MHz, Differential Twisted-Pair Receiver 250MHz Differential Line Receivers
|
Intersil Corporation
|
EL911107 EL9111 EL9111IL EL9112IL-T7 EL9112ILZ EL9 |
Triple Differential Receiver/Equalizer
|
Intersil Corporation
|
ISL59910 ISL59913IRZ-T7 ISL59910IRZ ISL59910IRZ-T7 |
Triple Differential Receiver/Equalizer
|
Renesas Electronics Corporation
|
EL9111IL-T7 EL9111ILZ EL9111ILZ-T13 EL9112IL EL911 |
TRIPLE DIFFERENTIAL RECEIVER/EQUALIZER
|
INTERSIL[Intersil Corporation]
|
EL9112ILZ-T7 EL9111_06 EL9111IL EL9111IL-T13 EL911 |
Triple Differential Receiver/Equalizer
|
INTERSIL[Intersil Corporation]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
HS0-26C32RH-Q HS1-26C32RH/PROTO |
Quad Differential Line Receiver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) QUAD LINE RECEIVER, UUC16 Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil, Corp.
|
EL4544_07 EL4544 EL4544IGZ |
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
|
INTERSIL[Intersil Corporation]
|
AD8141ACPZ-R7 AD8141ACPZ-RL AD8142ACPZ-R7 AD8142AC |
Low Cost, Triple Differential Drivers TRIPLE LINE DRIVER, QCC24
|
ANALOG DEVICES INC
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
5962R9672201VCC 5962R9672201QXC 5962R9672302VCC 59 |
Line Receiver, Party, Triple, Rad-Hard Line Receiver, Triple, Rad-Hard Line Transmitter, Triple, Rad-Hard Radiation Hardened Triple Line Transmitter
|
Intersil Corporation
|