PART |
Description |
Maker |
EL5410CS-T7 EL5410CS EL5410 EL5410CR-T7 EL5410CRZ- |
30MHz Rail-to-Rail Input-Output Op Amps
|
INTERSIL[Intersil Corporation]
|
LT1630IS8 LT1630IS8PBF LT1630IS8TRPBF LT1631CSPBF |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 30MHz, 10V/渭s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/μs, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO14
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD823AR AD823AR-REEL |
Dual/ 16 MHz/ Rail-to-Rail FET Input Amplifier Dual, 16 MHz, Rail-to-Rail FET Input Amplifier RECTIFIER SCHOTTKY SINGLE 8A 30V 200A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE
|
Analog Devices, Inc.
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NJM2590V NJM2590 |
Single 1.8-V Operational Amplifier with Rail-To-Rail Input and Output and Shutdown 6-SOT-23 -40 to 125 455kHz INPUT FM IF DEMODULATOR IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ISL28256 ISL28256FAZ-T7 ISL28156FHZ-T7 ISL28156FBZ |
39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
http:// Intersil Corporation
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MCP6024-I/P MCP6023-E/P MCP6023-E/SL MCP6023-E/SN |
Rail-to-Rail Input/Output, 10 MHz Op Amps 轨到轨输输出10兆赫运算放大 Rail-to-Rail Input/Output, 10 MHz Op Amps 轨到轨输输出0兆赫运算放大
|
Microchip Technology, Inc. Microchip Technology Inc.
|
|