PART |
Description |
Maker |
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
SLA5018 |
N-channel P-channel H-bridge 5 A, 60 V, 0.3 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
HI3-509A HI3-0506A-5 HI3-0507A-5 HI3-0508A-5 HI1-0 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
HARRIS[Harris Corporation]
|
FDS8926A |
Dual N-Channel Enhancement Mode Field Effect Transistor 5.5 A, 30 V, 0.03 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AK4628 AK4628VQ |
2-channel 96KHz ADC 8-channel 192KHz DAC HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
|
AKM[Asahi Kasei Microsystems]
|
DMN5L06V-7 DMN5L06VA-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
SIZ728DT-T1-GE3 |
N-Channel 25 V (D-S) MOSFETs 16 A, 25 V, 0.0077 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
2N7002T |
N-channel TrenchMOS FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.3 A; R<sub>DS(on)</sub>: 5000@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
NXP Semiconductors N.V.
|
|