PART |
Description |
Maker |
ALD500 ALD500A ALD500APC ALD500ASC ALD500ASWC ALD5 |
PRECISION INTEGRATING ANALOG PROCESSOR (17 bit) PRECISION INTEGRATING ANALOG PROCESSOR (18 bit) SPECIALTY ANALOG CIRCUIT, PDIP16 PRECISION INTEGRATING ANALOG PROCESSOR (16 bit)
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
BL-BB74V4V |
18 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L SOIC, EPAD Enabled, Industrial Temp 蓝色发光二极管AlInGaN超级低电流的要求 LED AlInGaN Super Blue Low current requirement.
|
Bright LED Electronics, Corp. Bright LED Electronics Corp.
|
BIR-BO13J4G |
5 mm, 1 ELEMENT, INFRARED LED, 850 nm ROHS COMPLIANT PACKAGE-2 END-LOOK PACKAGE LIGHT EMITTING DIODE 17 Bit System Integrating A/D Processor, 16L SOIC 完式组件发光二极
|
American Bright Optoelectronics, Corp. Bright LED Electronics Corp. Bright LED Electronics, Corp.
|
ADC100M ADC100C ADC100CA |
Precision 22 Bit Integrating A/D Converter
|
THALER CORPORATION ETC[ETC]
|
TC850ILW TC850 TC850CLW TC850CPL TC850IJL |
15-Bit, Fast Integrating CMOS A/D Converter
|
MICROCHIP[Microchip Technology]
|
TMP90CM38 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit A/D,D/A Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter
|
Toshiba Corporation
|
TC850IJL TC850 TC850ILW TC850CLW TC850CPL |
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
|
TELCOM[TelCom Semiconductor, Inc]
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|